Part Number Hot Search : 
SDZ13VG ULLGA8 MAX1912 TND524VS 5KE200A ZXSC440 2SA201 MAX6602
Product Description
Full Text Search
 

To Download ZXFV202N8TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXFV201, ZXFV202, ZXFV203, ZXFV204 Quad, single, triple and dual video amplifiers
Device description
The ZXFV201, ZXFV202, ZXFV203 and ZXFV204 are quad, single, triple and dual, respectively, high speed amplifiers designed for video and other high speed applications. Their low differential gain and phase performance make them ideal for video amplifier buffer applications. The quad allows one IC to drive RGBS format component video signals, while the triple provides RGB component video buffer/driver. The dual amplifier is a mainstay of the video market providing two channels in the space of 1 single in SO8. The small size of the ZXFV202 in SOT23 allows it to be placed where needed for position/size critical applications. Together with high output drive and slew rate capability, they bring high performance to video applications.
Features
* * * * * * * * * * * High speed Gain of 1 - 3dB bandwidth 210MHz Slew rate 380V/s Good video 25 MHz 0.1dB bandwidth Differential gain 0.04% Differential phase 0.04 40mA output current @ 3V Output Characterized up to 300pF load 5 Volt supply operation Supply current 7.5mA per amplifier
Applications
* * * * * Industry standard pinouts Video gain stages CCTV buffer Video distribution RGB buffering Home theater High Speed ADC signal input drive Cable driving
Ordering information
Part number Description Reel size (inches) 7 7 7 13 7 13 7 13 7 13 Qty. Part mark V202 V202 ZXFV202 ZXFV202 ZXFV204 ZXFV204 ZXFV203 ZXFV203 ZXFV201 ZXFV201
* * *
ZXFV202E5TA ZXFV202E5TD ZXFV202N8TA ZXFV202N8TC ZXFV204N8TA ZXFV204N8TC ZXFV203N14TA ZXFV203N14TC ZXFV201N14TA ZXFV201N14TC
Single Single Single Single Dual Dual Triple Triple Quad Quad
3,000 500 500 2,500 500 2,500 500 2,500 500 2,500
Application diagram
Y +2 75 Back termination C +2 75 Co-ax 75 Co-ax
Dual amplifier S - video driver
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
1
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Absolute maximum ratings over operating free-air temperature (unless otherwise stated (a))
Supply voltage (VS+ to VS-) Input voltage (VIN-, VIN+) (b) Differential input voltage (VID) Inverting input current (IIN-) (c) Output current (continuous, TJ < 110C) Internal power dissipation Storage temperature range Operating ambient junction temperature (TJMAX) -0.5V to +11V VS- -0.5V to VS+ +0.5 V 3V 5mA 60mA See power dissipation derating table -65C to +150C 150C
NOTES: (a) Stresses above those listed under Absolute maximum ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. (b) During power-up and power-down, these voltage ratings require that signals be applied only when the power supply is connected. (c) At high closed loop gains and low gain setting resistors care must be taken if large input signals are applied to the device which cause the output stage to saturate for extended periods of time.
Power derating table
Package SOT23-5 SO8 SO14 Theta-ja 195C/W 168C/W 120C/W Power rating at 25'C 0.64W 0.74W 1.04W
Recommended operating conditions
Parameter VS VCMR TA Dual supply voltage range Common mode input voltage range Ambient temperature range Min. 4.75 -3 -40 Max. 5.25 +3 85 Unit V V C
Recommended resistor values
VS = 5V, CL = 10pF GCL 1 RF 680 820 1000 430 2 470 560 430 470 560 n/c RG Peaking 2 dB 0 -2dB 2dB 1.5dB 0
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
2
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
DC electrical characteristics (5V power supplies, Tamb= 25C unless otherwise stated. Rf = 1k , RL = 150 , CL = 10pF)
Parameter Supply voltage V+ operating range Supply voltage V- operating range Supply current/per channel Input common mode voltage range Input offset voltage Output offset voltage Input bias current, non-inverting input Input resistance Output voltage swing Output drive current Positive PSRR Negative PSRR IOUT = 40mA VIN = 3V V+ = 0.25 V- = 0.25 P P P P P P P P P P 40 49 49 57 57 1.5 Conditions Test Min. Typ. Max. 4.75 -5.25 5.0 5 -5 7.5 3 1 2 5 2 3 10 20 10 6.5 5.25 -4.75 10 Unit V V mA V mV mV A M V mA dB dB
Test - P = production tested. C = characterized
AC electrical characteristics (5V, Rf = 470 , G = 2, CL = 10pF, TA = 25C, unless otherwise stated)
Parameter BW-3 BW0.1 SR Bandwidth, -3dB Bandwidth, 0.1dB Slew Rate Conditions VOUT = 0.2VPP G = +2, RF = 470 VOUT = 0.2VPP G = +1, RF = 820 VOUT = 0.2VPP VOUT = 2VPP G = +2, RF = 470 VOUT = 2VPP G = +1, RF = 820 tr tf tp dG dP Rise time Fall time Propagation delay VOUT = 1V, 10% - 90% VOUT = 2V, 10% - 90% Min Typ 210 210 30 600 380 5.8 4.6 2.6 0.04 0.04 % ns V/ s MHz MHz Max Unit
Differential phase, NTSC NTSC/PAL, 280mVPP, Differential phase, NTSC DC = -1.428V to +1.428 V
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
3
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Applications information
A typical circuit application is shown in Figure 1. This is suitable for 75 transmission line connections at both the input and the output and is useful for distribution of wide-band signals such as video via cables. The 75 reverse terminating resistor R4 gives the correct matching condition to a terminated video cable. The amplifier load is then 150 in parallel with the local feedback network.
470 470
Figure 1
Typical video signal application circuit, gain = 2 (overall gain = 1 for 75
load
The wide bandwidth of this device necessitates some care in the layout of the printed circuit. A continuous ground plane is required under the device and its signal connection paths, to provide the shortest possible ground return paths for signals and power supply filtering. A double-sided or multi-layer PCB construction is required, with plated-through via holes providing closely spaced low-inductance connections from some components to the continuous ground plane. For the power supply filtering, low inductance surface mount capacitors are normally required. It has been found that very good RF decoupling is provided on each supply using a 1000pF NPO size 0805 or smaller ceramic surface mount capacitor, closest to the device pin, with an adjacent 0.1 F X7R capacitor. Other configurations are possible and it may be found that a single 0.01 F X7R capacitor on each supply gives good results. However this should be supported by larger decoupling capacitors elsewhere on the printed circuit board. Values of 1 to 10 F are recommended, particularly where the voltage regulators are located more than a few inches from the device. These larger capacitors are recommended to be solid tantalum electrolytic or ceramic types. Note particularly that the inverting input of this current feedback type of amplifier is sensitive to small amounts of capacitance to ground which occur as part of the practical circuit board layout. This capacitance affects bandwidth, frequency response peaking and pulse overshoot. Therefore to minimize this capacitance, the feedback components R2 and R3 of Figure 1 should be positioned as close as possible to the inverting input connection.
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
4
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
The frequency response and pulse response will vary according to particular values of resistors and layout capacitance. The response can be tailored for the application to some extent by choice of the value of feedback resistor. Figures 2 and 3 show the small signal unity gain and gain of 2 frequency responses.
3
RF = 680 0 Gain (dB) RF = 820 RF = 1k
VIN = 200mVPP TA = 25 VS = 5V G= 1 RL = 150 CL = 10pF
-3
-6
1
10
Frequency (MHz)
100
1000
Figure 2
Unity gain small signal bandwidth
9 RF = 430
6 Gain (dB) RF = 560
RF = 470
3
VIN = 200mVPP TA = 25 VS = 5V G= 2 RL = 150 CL = 10pF
0
1
Figure 3
10
100 Frequency (MHz)
1000
Gain of 2 small signal bandwidth
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
5
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Figures 4 and 5 show the large signal unity gain of 2 frequency responses.
Large signal G = 1
3 0 -3 Gain (dB) Gain (dB) -6 -9 -12 -15 -18 -21 1
VIN = 1VPP VS = 5V RL = 150 RF = 820 TA = 25 G= 1 CL = 10pF
Large signal G = 2
9 6 3 0 -3 -6 -9 -12
VIN = 1VPP VS = 5V RL = 150 RF = 560 TA = 25 G= 2 CL = 10pF
10
Frequency (MHz)
100
1000
-15
1
10
Frequency (MHz)
100
1000
Figures 4 and 5
Large signal unity gain of 2 frequency response
The ZXFV20x family are primarily video amplifiers; Figures 6 and 7 show the NTSC/PAL differential gain and phase errors at a gain of 2.
Diff gain error
0.05% 0.04% 0.04%
Diff phase error
0.005 0 Differential Phase Error -0.005 -0.01 -0.015 -0.02 -0.025
VIN = 280mVPP TA = 25 VS = 5V G= 2 RL = 150 CL = 10pF RF = 560 -0.48 -0.24 0 0.24 0.48 0.72
Differential Gain Error
0.03% 0.03% 0.02% 0.02% 0.01% 0.01% 0.00% -0.01% VIN = 280mVPP TA = 25 VS = 5V G= 2 RL = 150 CL = 10pF RF = 560 -0.48 -0.24 0 0.24 0.48 0.72
-0.01% -0.72
-0.03
-0.72
VBIAS (VDC)
VBIAS(VDC)
Figures 6 and 7
NTSC/PAL differential gain and phase errors at a gain of 2
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
6
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Pinout details
V S+
OUT V S+IN
NC NC
OUT3 IN3 IN3+
-IN
NC
ZXFV202E5 Single
NC ININ+ VSNC V S+ OUT NC
V+ IN1+ OUT1
ZXFV204
IN2+ IN2 OUT2
ZXFV203 Triple
ZXFV202N8 Single
OUT1 IN1IN1+
OUT4 IN4 IN4+
OUT1 IN1 IN1+ V S-
V S+ OUT2 IN2 IN2+
V+ IN2+ IN2OUT2
ZXFV204
IN3+ IN3 OUT3
ZXFV204 Dual
ZXFV201 Quad
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
7
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Intentionally left blank
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
8
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Package details - SO8, SO14
DIM A A1 D (8 pin) D (14 pin) H E
Inches Min. 0.053 0.004 0.189 0.337 0.228 0.150 Max. 0.069 0.010 0.197 0.344 0.244 0.157
Millimeters Min. 1.35 0.10 4.80 8.55 5.80 3.80 Max. 1.75 0.25 5.00 8.75 6.20 4.00
DIM L e b c
Inches Min. 0.016 0.013 0.008 0 Max. 0.050 0.020 0.010 8 0.020
Millimeters Min. 0.40 0.33 0.19 0 0.25 Max. 1.27 0.51 0.25 8 0.50
0.050 BSC
1.27 BSC
h
0.010
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
9
www.zetex.com
ZXFV201, ZXFV202, ZXFV203, ZXFV204
Package details - SOT23
L H N D 3 leads G
M
B
A
C K
F
Dim. A B C D F G
Millimeters Min. 2.67 1.20 0.37 0.085 Max. 3.05 1.40 1.10 0.53 0.15
Inches Min. 0.105 0.047 0.015 0.0034 Max. 0.120 0.055 0.043 0.021 0.0059
Dim. H K L M N -
Millimeters Min. 0.33 0.01 2.10 0.45 Max. 0.51 0.10 2.50 0.64 -
Inches Max. 0.013 0.0004 0.083 0.018 Max. 0.020 0.004 0.0985 0.025 -
0.95 NOM
0.0375 NOM
1.90 NOM
0.075 NOM
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com
Americas Zetex Inc 700 Veterans Memorial Highway Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com
Asia Pacific Zetex (Asia Ltd) 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com
Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 3 - October 2005
(c) Zetex Semiconductors plc 2005
10
www.zetex.com


▲Up To Search▲   

 
Price & Availability of ZXFV202N8TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X